PART |
Description |
Maker |
SI-8501LE SI-8502LE SI-8503LE SI-8504LE SI-8505LE |
Separate Excitation Switching Regulator with Coil(12V带线圈分激开关稳压器) 1 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, DSS5 Separate Excitation Switching Regulator with Coil(3.3V带线圈分激开关稳压器) Separate Excitation Switching Regulator with Coil(5V带线圈分激开关稳压器) Switching Regulator IC with Coil
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd.
|
LT3493-3 LT3493EDCB-3 |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
LINEAR TECHNOLOGY CORP
|
PQ1CY1032ZXH PQ1CY1032ZPH PQ1CY1032ZZH |
Maximum switching current: 3.5A To-263 Surface Mount Type Chopper Regulator 3.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PSSO5
|
Sharp Electrionic Compo... SHARP[Sharp Electrionic Components] SHARP ELECTRONICS CORP
|
BD9738KN |
SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC48 7-Channel Switching Regulator Controller for Digital Camera
|
ROHM[Rohm]
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|
BA9744FV A5800966 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
BA9743AFV A5801070 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
BA6161 BA6161F BA6161N A5800930 BA6161N/F |
Regulator LSIs > Switching regulator Switching regulator for electronic tuning From old datasheet system
|
ROHM[Rohm]
|
RS5RM RS5RM3329A-T1 RS5RM5045B-T2 RS5RM4036B-T2 RS |
CAPACITOR PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
LNK500GN-TL LNK500PN |
IC SWITCHER CV CV/CC EFF 8SMD 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 LEADS FREE, PLASTIC, SMT, DIP-8 IC SWITCHER CV CV/CC EFF 8DIP 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDIP7 Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
|
Power Integrations, Inc.
|
ADP3000AN-12 ADP3000AR-12 ADP3000AN-33 ADP3000AR-3 |
Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Voltage-Mode SMPS Controller SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDIP8 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
ANALOG DEVICES INC Rochester Electronics, LLC Analog Devices, Inc.
|